Part Number Hot Search : 
ACS10 224008 09A00 HEF45 0604KFK 12030 KE200 MR100
Product Description
Full Text Search
 

To Download 1N4002G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GLASS PASSIVATED RECTIFIER
1N4001G THRU 1N4007G
FEATURES
* * * * *
VOLTAGE RANGE CURRENT
50 to 1000 Volts 1.0 Ampere
Glass passivated chip junction Low forward voltage Low reverse leakage High forward surge current capacity High temperature soldering guaranteed: 260 /10 seconds, 0.375" (9.5mm) lead length
MECHANICAL DATA
* * * * * *
Case: transfer molded plastic Epoxy: UL94V - 0 rate flame retardant Polarity: Color band denotes cathode end Lead: Plated axial lead, solderable per MIL-STD-202E method 208C Mounting position: any Weight: 0.012 ounce, 0.33 gram
DO-41
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* * *
Ratings at 25OC ambient temperature unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20%
SYMBOLS
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current, 0.375" (9.5mm) lead length at TA = 75OC Peak Forward Surge Current 8.3mS single half sine wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage @ 1.0A Maximum DC Reverse Current at Rated DC Blocking Voltage per element TA = 25 OC TA = 125 OC
VRRM VRMS VDC I(AV) IFSM VF IR IR(AV) CJ RJA TJ TSTG
1N 1N 1N 1N 1N 1N 1N UNIT 4001G 4002G 4003G 4004G 4005G 4006G 4007G 50 100 200 400 600 800 1000 Volts 35 70 140 280 420 560 700 Volts 50 100 200 400 600 800 1000 Volts 1.0 30 1.1 5.0 50 30 15 50 (-65 to +175) (-65 to +175)
O
Amps Amps Volts A A pF C/W O C O C
Maximum Full Load Reverse Current, full cycle Average 0.375" (9.5mm) lead length at TL = 75 OC Typical Junction Capacitance (Measured at 1.0MHz and applied reverse voltage of 4.0V) Typical Thermal Resistance (Note 1) Operating Junction Temperature Range Storage Temperature Range
Notes:
1. Thermal resistance from junction to ambient with 0.375" (9.5mm) lead length, PCB mounted with 0.2" x 0.2" (5.0mm x 5.0mm) copper pads
Sep-03, Rev A
Micro Electronic Instrument Inc.
RATINGS AND CHARACTERISTIC CURVES 1N4001G THRU 1N4007G
Sep-03, Rev A
Micro Electronic Instrument Inc.


▲Up To Search▲   

 
Price & Availability of 1N4002G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X